PART |
Description |
Maker |
CD00191174 STM32F101RET6 STM32F101VET6 STM32F101ZE |
Mainstream Access line, ARM Cortex-M3 MCU with 384 Kbytes Flash, 36 MHz CPU High-density access line, ARM-based 32-bit MCU Mainstream Access line, ARM Cortex-M3 MCU with 512 Kbytes Flash, 36 MHz CPU
|
STMicroelectronics ST Microelectronics
|
STM32F100RB STM32F100C8 STM32F100R8 STM32F100V8 ST |
Mainstream Value line, ARM Cortex-M3 MCU with 128 Kbytes Flash, 24 MHz CPU, motor control and CEC functions Mainstream Value line, ARM Cortex-M3 MCU with 64 Kbytes Flash, 24 MHz CPU, motor control and CEC functions
|
STMicroelectronics N.V. ST Microelectronics
|
STM8S105K4T3C STM8S105K4T6C STM8S105K6T6C STM8S105 |
Mainstream Access line 8-bit MCU with 16 Kbytes Flash, 16 MHz CPU, integrated EEPROM Mainstream Access line 8-bit MCU with 16 Kbytes Flash, 24 MHz CPU, integrated EEPROM
|
ST Microelectronics
|
STM32F101X410 STM32F101X610 |
Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers
|
STMicroelectronics
|
STM32F101RG |
XL-density access line, ARM-based 32-bit MCU with 768 KB to 1 MB Flash, 15 timers, 1 ADC and 10 communication interfaces
|
STMicroelectronics
|
STM32F101R8 STM32F101V8 STM32F101VB STM32F101C8 |
Medium-density access line, ARM-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces
|
STMicroelectronics
|
STM32L051K6 STM32L051T6 STM32L051T8 STM32L051C6 |
Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0 , up to 64 KB Flash, 8 KB SRAM, 2 KB EEPROM, ADC
|
STMicroelectronics
|
STM32L071KZ STM32L071V8 |
Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0 , up to 192KB Flash, 20KB SRAM, 6KB EEPROM, ADC
|
STMicroelectronics
|
LUCL9310GP-DT L9310 LUCL9310AP-D LUCL9310AP-DT LUC |
Line Interface and Line Access Circuit Full-Feature SLIC,Ringing Relay,and Test Access Device
|
AGERE[Agere Systems]
|
LUCL9310AP-D LUCL9310GP-D LUCL9310GP-DT |
Line Interface and Line Access Circuit Full-Feature SLIC,Ringing Relay,and Test Access Device Top Entry Connector Hood; Enclosure Material:Aluminum Alloy; For Use With:C146 Rectangular Circular Connectors; Thread Size:PG 21; Connecting Termination:Screw; Gender:Male; No. of Contacts:16; Operating Voltage:400V; Series:C-146 RoHS Compliant: Yes
|
http://
|